Part Number Hot Search : 
ACTR30 DB301 ADG202 MK325B 75H60 GS101 2A165 84C10
Product Description
Full Text Search
 

To Download IN74HC109A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HC109A dual j-k flip-flop with set and reset ordering information in74hc 109an pl ast i c in74hc 109ad soic t a = -55 t o 125 c for all packages high-performance silicon-gate cmos the in74hc 109a i s i d ent i cal i n pi nout t o t h e ls/ a ls109. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s, wi t h pul l up resistors, they are com p a tible with ls/alsttl outputs. thi s devi ce consi s t s of t w o j-k fl i p -fl ops wi t h i ndi vi dual set , reset , and cl ock i nput s. c h anges at t h e i nput s are refl ect ed at t h e out put s wi t h t h e next l o w-t o -hi gh t r ansi t i on of t h e cl ock. b o t h q t o q out put s are available from each flip-flop. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 16=v cc pin 8 = gnd function table input s o u t put s set r eset clock j k q q l h x x x h l h l x x x l h l l x x x h * h * h h l l l h h h h l toggl e h h l h no change h h h h h l h h l x x no change x = don?t care * both outputs will rem a in high as long as set and reset are low, but the output states are unpredi c t a bl e i f set and r e set go hi gh si m u l t a neousl y . rev. 00
IN74HC109A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HC109A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v ih or v il ? i out ? 4.0 m a ? i out ? 5.2 m a 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol m a x i mu m l o w - level out put vol t a ge v in = v il or v ih ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il or v ih ? i out ? 4.0 m a ? i out ? 5.2 m a 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 6.0 4 . 0 4 0 8 0 a rev. 00
IN74HC109A ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit f ma x m a xi m u m c l ock frequency (50% dut y c y cl e) (fi gures 1 and 4) 2.0 4.5 6.0 6 30 35 4.8 24 28 4.0 20 24 mh z t plh , t phl m a xi m u m propagat i on del a y , c l ock t o q or q (fi gures 1 and 4) 2.0 4.5 6.0 175 35 30 220 44 37 265 53 45 ns t plh , t phl m a xi m u m propagat i on del a y , set or r e set t o q or q (fi gures 2 and 4) 2.0 4.5 6.0 230 46 39 290 58 49 345 69 59 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 4) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in m a xi m u m input c a paci t a nce - 10 10 10 pf power di ssi pat i on c a paci t a nce (per fl i p -fl op) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 4 0 p f timing requirements (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -5 5 c 85 c 125 c un it t su m i ni m u m set up ti m e , j or k t o c l ock (fi gure 3) 2.0 4.5 6.0 100 20 17 125 25 21 150 30 26 ns t h m i n i mu m h o l d t i me , c l o c k t o j or k (fi gure 3) 2.0 4.5 6.0 5 5 5 5 5 5 5 5 5 ns t rec m i n i mu m r e c o v e r y t i me , s e t o r reset in activ e to clo c k (fi gure 2) 2.0 4.5 6.0 5 5 5 5 5 5 5 5 5 ns t w m i ni m u m pul s e w i dt h, set or r e set (fi gure 2) 2.0 4.5 6.0 80 16 14 100 20 17 12 24 20 ns t w m i ni m u m pul s e w i dt h,c l ock (fi gure 1) 2.0 4.5 6.0 80 16 14 100 20 17 12 24 20 ns t r, t f m a xi m u m input r i se and fal l ti m e s (fi gure 1) 2.0 4.5 6.0 1000 500 400 1000 500 400 1000 500 400 ns rev. 00
IN74HC109A fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms fi gure 3. sw i t chi n g waveforms figure 4. test circuit expanded logic diagram rev. 00
IN74HC109A n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC109A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X